Part Number Hot Search : 
IL78L12 TIP50 HT12885 SB202 0D128 01524 LA70001 12015
Product Description
Full Text Search
 

To Download UTCMC34063A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC MC34063A LINEAR INTEGRATED CIRCUIT
DC TO DC CONVERTER CONTROLLER
DESCRIPTION
The UTC MC34063A is a monolithic regulator subsystem, intended for use as DC to DC converter. This device contains a temperature compensated band gap reference, a duty-cycle control oscillator, driver and high current output switch. It can be used for step down, step-up or inverting switching regulators as well as for series pass regulators.
SOP-8
FEATURES
*Operation from 3.0V to 40V. *Short circuit current limiting. *Low standby current. *Output switch current of 1.5A without external transistors. *Frequency of operation from 100Hz to 100kHz. *Step-up, step-down or inverting switch regulators.
DIP-8
PIN CONFIGURATION
Switch Collector Switch Emitter Timing Capacitor 1 8 Driver Collector
2
7
Lpk Sense
3
6
Vcc
Gnd
4
5
Comparator Inverting input
BLOCK DIAGRAM
E SWITCH COLLECTOR T2 S Q R T1 SWITCH EMITTER D C Is A TIMING CAPACITOR CT
OSCILLATOR
1
8
DRIVE COLLECTOR
2
7
Ipeak SENSE
3
6
Vcc
COMP. GND
4
1.25Vref B
5
COMPARATOR INVERTING INPUT
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R103-008,A
UTC MC34063A LINEAR INTEGRATED CIRCUIT
ABSOLUTE MAXIMUM RATINGS(Ta=25C )
PARAMETER
Supply Voltage Comparator input voltage range Switch collector voltage Switch Emitter Voltage Switch collector to emitter voltage Driver collector Voltage Switch current
SYMBOL
Vcc Vi(comp) Vc(sw) Ve(sw) Vce(sw) Vc(dr) Isw
VALUE
40 -0.3~+40 40 40 40 40 1.5
UNIT
V V V V V V A
ELECTRICAL CHARACTERISTICS( Ta=25C )
(Vcc=5.0V,Ta=0~70C,unless otherwise specified)
PARAMETER
SYMBOL
Ichg Idischg Vosc K Vsense
TEST CONDITIONS
Vcc=5 to 40V,Ta=25C Vcc=5 to 40V,Ta=25C Ta=25C V7=Vcc,Ta=25C Ichg=Idischg Ta=25C Isw=1.0A Vc(driver)=Vc(sw) Isw=1.0A Vc(driver)=50mA Isw=1.0A Vce=5.0V,Ta=25C Vce=40.0V,Ta=25C
MIN
22 140 5.2 250
TYP.
31 190 0.5 6.1 300
MAX
42 260 7.5 350
UNIT
A A V mV
Oscillator
Charging Current Discharging Current Oscillator Amplitude Discharge to Charge Current Ratio Current limit Sense Voltage
Output Switch
Saturation Voltage 1(note) Saturation Voltage 2(note) DC Current Gain(note) Collector Off State Current(note) Vce(sat)1 Vce(sat)2 Gi(DC) C(off) Vth Vth Ibias 0.95 0.45 50 180 0.01 1.21 Vcc=3~40V Vi=0V Vcc=5~40V Ct=0.001 V7=Vcc Vc>Vth Pin2=GND 1.24 2.0 50 100 1.29 5.0 400 A V mV nA 1.3 0.7 V V
Comparator
Threshold Voltage Threshold voltage Line Regulation Input Bias Current
Total Device
Supply Current Icc 2.7 4.0 mA
NOTE: Output switch tests are performed under pulsed conditions to minimize power dissipation.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R103-008,A
UTC MC34063A LINEAR INTEGRATED CIRCUIT
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R103-008,A
UTC MC34063A LINEAR INTEGRATED CIRCUIT
UTC
UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R103-008,A
UTC MC34063A LINEAR INTEGRATED CIRCUIT
UTC
UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R103-008,A
UTC MC34063A LINEAR INTEGRATED CIRCUIT
UTC
UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R103-008,A


▲Up To Search▲   

 
Price & Availability of UTCMC34063A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X